Part Number Hot Search : 
C3216X5R T85HF140 UPA610TA 74AUP2G 1207A 01610 MMBTA94 1052N5
Product Description
Full Text Search
 

To Download S1M8823X01-R0T0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTERGER RF/IF DUAL PLL
S1M8821/22/23
INTRODUCTION
20-TSSOP-BD44 The S1M8821/22/23 is a high performance dual frequency synthesizer with integrated prescalers designed for RF operation up to 1.2GHz/2.0GHz/2.5GHz and IF operation up to 520MHz. The S1M8821/22/23 contains dual-modulus prescalers. The RF synthesizer adopts a 64/65 or a 128/129 prescaler(32/33 or 64/65 for the S1M8823) and the IF synthesizer adopts an 8/9 or a 16/17 prescaler. Using a proprietary digital phase-locked-loop technique, the S1M8821/22/23 has linear phase detector characteristic and can be used for very stable, low noise local oscillator signal. Supply voltage can range from 2.7V to 4.0V. The S1M8821/22/23 is now available in a 20-TSSOP/24-QFN package.
24-QFN-3.5x4.5
FEATURES
* High operating frequency dual synthesizer -- S1M8821 : 0.1 to 1.2GHz (RF)/ 45 to 520MHz (IF) -- S1M8822 : 0.2 to 2.0GHz (RF)/ 45 to 520MHz (IF) -- S1M8823 : 0.5 to 2.5GHz (RF)/ 45 to 520MHz (IF) * * * * Very low current consumption(8821:3.5mA, 22:4.5mA, 23:5.5mA) Operating voltage range : 2.7 to 4.0V Selectable power saving mode(Icc=1uA typical @3V) Dual modulus prescaler : S1M8821/22 S1M8823 S1M8821/22/23 No dead-zone PFD Variable charge pump output current High speed lock mode (RF) 64/65 or 128/129 (RF) 32/33 or 64/65 (IF) 8/9 or 16/17
* * * *
Programmability via serial bus interface
APPLICATIONS
* * * * Cellular telephone systems : S1M8821 Portable wireless communications : S1M8822 (PCS/PCN, cordless) Wireless Local Area Networks (W-LANs) : S1M8823 Other wireless communication systems
1
S1M8821/22/23
INTERGER RF/IF DUAL PLL
ORDERING INFORMATION
Device S1M8821X01-R0T0 S1M8822X01-R0T0 S1M8823X01-R0T0 S1M8821X01-R0T0 S1M8822X01-R0T0 S1M8823X01-R0T0 Package 20-TSSOP-BD44 Operating Temperature -40 to +85C
24-QFN-3.5x4.5
-40 to +85C
2
INTERGER RF/IF DUAL PLL
S1M8821/22/23
BLOCK DIAGRAM
VDD1 1
RF LD RF Phase Detector
foLD Data Out Multiplexer
IF LD IF Phase Detector
20 VDD2
VP1 2
RF Charge Pump
IF Charge Pump
19 VP2
CPoRF 3 RF Prescaler GND 4 + finRF 5 - Prescaler Control RF Programmable Counter IF Programmable Counter Prescaler Control - + IF Prescaler
18 CPoIF
17 GND
16 finIF
finRF 6 RF N-Latch GND 7 IF N-Latch 20-bit Shift Register RF R-Latch IF R-Latch 2-bit Control
15 finIF
14 GND
OSCin 8
13 LE
GND 9
RF Reference Counter
IF Reference Counter
12 DATA
foLD 10
11 CLOCK
NOTE: The pin numbers above are for 20-TSSOP package.
3
S1M8821/22/23
INTERGER RF/IF DUAL PLL
PIN CONFIGURATION
VDD1 1 Vp1 2 CPoRF 3 GND 4 (Digital) finRF 5 finRF 6 GND 7 (Analog) OSCin 8 GND 9 (Digital) foLD 10 20-TSSOP
20 VDD2 19 Vp2 18 CPoIF 17 GND (Digital) 16 finIF
S1M8821 S1M8822
15 finIF
S1M8823
14 GND (Analog) 13 LE 12 DATA 11 CLOCK
20-Lead(0.173 Wide) Thin Shrink Small Outline Package(20-TSSOP)
NOTES: 1. pin #9 = pin #17(internally connected). 2. Do not tie up Vp and VDD : Vp is the source of digital noises. The power for analog part is supplied by VDD. If Vp and VDD are tied together, noisy Vp corrupts the power source for the analog part.
4
INTERGER RF/IF DUAL PLL
S1M8821/22/23
PIN CONFIGURATION(24-QFN, NOT TO SCALE)
VDD1 VDD2 Vp2 N/C Vp1 CPoRF GND (Digital) finRF finRF 1 2 3 4 5 6 24 23 22 21 20 19 N/C CPoIF GND (Digital) finIF finIF GND (Analog) LE DATA N/C
* N/C pins must be connected to GND(to Analog GND if possible).
S1M8821 S1M8822 S1M8823
18 17 16 15 14
GND 7 (Analog) OSCin N/C 8 9 10 11 12
13
GND foLD CLOCK (Digital)
24-QFN 24 PIN Quad Flat Non-leaded (24-QFN) Package
NOTES: 1 pin #10 = pin #19(internally connected). 2. Do not tie up Vp and VDD : Vp is the source of digital noises. The power for analog part is supplied by VDD. If Vp and VDD are tied together, noisy Vp corrupts the power source for the analog part.
5
S1M8821/22/23
INTERGER RF/IF DUAL PLL
PIN DESCRIPTION
Pin No (20TSSOP) 1 Pin No (24QFN) 24 Symbol VDD1 I/O Description Power supply voltage input for the RF PLL part. VDD1 must equal VDD2. In order to reject supply noise, bypass capacitors must be placed as close as possible to this pin and be connected directly to the ground plane. No connection. Power supply voltage input for RF charge pump( VDD1). Internal RF charge pump output for connection to an external loop filter whose filtered output drives an external VCO. Ground for RF digital blocks. RF prescaler input. The signal comes from the external VCO. The complementary input of the RF prescaler. A bypass capacitor must be placed as close as possible to this pin and be connected directly to the ground plane. The bypass capacitor is optional with some loss of sensitivity. Ground for RF analog blocks. Reference counter input. TCXO is connected via a coupling capacitor. No connection. Ground for IF digital blocks. Multiplexed output of the RF/IF programmable counters, the reference counters, the lock detect signals and the shift registers. The output level is CMOS level. (see fout Programmable Truth Table) CMOS clock input. Serial data for the various counters is transferred into the 22-bit shift register on the rising edge of the clock signal. No connection. Binary serial data input. The MSB of CMOS input data is entered first. The control bits are on the last two bits. CMOS input. Load enable CMOS input. When LE becomes high, the data in the shift register is loaded into one of the four latches (by the control bits). Ground for IF analog blocks.
2 3 4 5 6
1 2 3 4 5 6
Vp1 CPoRF GND finRF finRF
N/C O I I
7 8 9 10
7 8 9 10 11
GND OSCin GND
I N/C O
foLD
11
12
CLOCK
I
12
13 14
DATA
N/C I
13
15
LE
I
14
16
GND
-
6
INTERGER RF/IF DUAL PLL
S1M8821/22/23
PIN DESCRIPTION (Continued)
Pin No (20TSSOP) 15 Pin No (24QFN) 17 Symbol finIF I/O I Description The complementary input of the IF prescaler. A bypass capacitor must be placed as close as possible to this pin and be connected directly to the ground plane. The bypass capacitor is optional with some loss of sensitivity. IF prescaler input. The signal comes from the external VCO. Ground for IF digital blocks. Internal IF charge pump output for connection to an external loop filter whose filtered output drives an external VCO. No connection. Power supply voltage input for IF charge pump( VDD2) Power supply voltage input for the IF PLL part. VDD1 must equal VDD2. In order to reject supply noise, bypass capacitors must be placed as close as possible to this pin and be connected directly to the ground plane.
16 17 18 19 20
18 19 20 21 22 23
finIF GND CPoIF Vp2 VDD2
I O N/C -
7
S1M8821/22/23
INTERGER RF/IF DUAL PLL
EQUIVALENT CIRCUIT DIAGRAM
CLOCK, DATA, LE foLD
OSCin
CPoRF, CPoIF
finRF, finRF, finIF, finIF
finRF, finIF
finRF, finIF
Vbias
8
INTERGER RF/IF DUAL PLL
S1M8821/22/23
ABSOLUTE MAXIMUM RATINGS Characteristic Power Supply Voltage Power Dissipation Operating Temperature Storage Temperature Symbol VDD PD Ta TSTG Value 0 to 4.0 600 -40 to +85oC -65 to +150oC Unit V mW C C
ELECTROSTATIC CHARACTERISTICS Characteristic Human Body Model Machine Model Charged Device Model Pin No. All All All ESD level < 2000 < 300 < 800 Unit V V V
These devices are ESD sensitive. These devices must be handled in the ESD protected environment.
9
S1M8821/22/23
INTERGER RF/IF DUAL PLL
ELECTRICAL CHARACTERISTICS
(VDD=3.0V, VP=3.0V, Ta = 25C, Unless otherwise specified) Characteristic Power Supply Voltage S1M8823 RF + IF S1M8823 RF Only S1M8822 RF + IF Power Supply Current S1M8822 RF Only S1M8821 RF + IF S1M8821 RF Only S1M882x IF Only Power down Current IPWDN VDD=3.0V IDD VDD=2.7V to 4.0V Symbol VDD VP Test Conditions Min. 2.7 VDD Typ. 3.0 3.0 5.5 4.0 4.5 3.0 3.5 2.0 1.5 1.0 10 A mA Max. 4.0 V 4.0 Unit
Digital inputs : CLOCK, DATA and LE High-Level Input Voltage Low-Level Input Voltage High-Level Input Current Low-Level Input Current Reference Oscillator Input : OSCin Input Current Digital Output : foLD High Level Output Voltage Low Level Output Voltage VOH VOL Iout = -500A Iout = +500A VDD-0.4 0.4 V V IIHR IILR VIH= VDD=4.0V VIL=0V, VDD=4.0V -100 +100 A A VIH VIL IIH IIL VDD=2.7V to 4.0V VDD=2.7V to 4.0V VIH= VDD=4.0V VIL=0V, VDD=4.0V -1.0 -1.0 0.7VDD 0.3VDD +1.0 +1.0 V V A A
10
INTERGER RF/IF DUAL PLL
S1M8821/22/23
ELECTRICAL CHARACTERISTICS (Continued)
(VDD=3.0V, VP=3.0V, Ta = 25C, Unless otherwise specified) Characteristic Symbol Test Conditions Min. Typ. Max. Unit
Charge Pump Outputs : CPoRF, CPoIF ICP-SRC Charge Pump Output Current ICP-SINK ICP-SRC ICP-SINK Charge Pump Leakage Current Output Current Sink vs. Source Mismatch* Output Current Magnitude Variation vs. Temperature** Output Current Magnitude Variation vs. Voltage*** Programmable Divider S1M8823 Operating Frequency S1M8822 S1M8821 Operating Frequency RF Input Sensitivity IF Input Sensitivity Phase Detector Frequency Reference Divider Operating Frequency Input Sensitivity OSCin VOSCin 5 0.5 40 MHz VPP finIF PfinRF PfinIF fPD VDD=3.0V VDD=3.0V VDD=4.0V VDD=2.7V to 4.0V finRF VDD=2.7V to 4.0V 0.5 0.2 0.1 45 -15 -10 -10 2.5 2.0 1.2 520 0 dBm 0 0 10 dBm MHz MHz GHz ICPL ICP-SINK vs ICP-SRC ICP vs T ICP vs VCP VCP=VP/2, ICPo=Low VCP=VP/2, ICPo=Low VCP=VP/2, ICPo=High VCP=VP/2, ICPo=High 0.5V VCP VP-0.5V VCP=VP/2 VCP=VP/2 0.5V VCP VP-0.5V -2.5 -1.0 +1.0 mA -4.0 +4.0 +2.5 nA
3
10
%
10 10 15
% %
11
S1M8821/22/23
INTERGER RF/IF DUAL PLL
ELECTRICAL CHARACTERISTICS (Continued)
(VDD=3.0V, VP=3.0V, Ta = 25C, Unless otherwise specified ) Characteristic Serial Data Control CLOCK Frequency CLOCK Pulse Width High CLOCK Pulse Width Low DATA Set Up Time to CLOCK Risng Edge DATA Hold Time after CLOCK Rising Edge LE Pulse Width CLOCK Rising Edge to LE Rising Edge fCLOCK tCWH tCWL tDS tDH tLEW tCLE 50 50 50 10 50 50 10 MHz ns ns ns ns ns ns Symbol Test Conditions Min. Typ. Max. Unit
Ia=Charge pump sink current at Vcp=Vp-V, Ib=Charge pump sink current at Vcp=Vp/2, Ic=Charge pump sink current at Vcp=V Id=Charge pump source current at Vcp=Vp-V, Ie=Charge pump source current at Vcp=Vp/2, If=Charge pump source current at Vcp=V V=Voltage offset from positive(for sink current) and negative(for source current) points from which the charge pump currents become flat. * Output Current Sink vs. Source Mismatch = [| Ib|-|Ie|] / [0.5 * {| Ib|+|Ie|}] * 100 (%) ** Output Current Magnitude Variation vs. Temperature = [| Ib @any temp.| - |Ib @ 25C|] / | Ib @ 25C| * 100 (%)
and [|Ie @any temp.| - |Ie @ 25C|] / |Ie @ 25C| * 100 (%)
*** Output Current Magnitude Variation vs. Voltage = [0.5 * {|Ia|-|Ic|}] / [0.5 * {|Ia|+|Ic|}] * 100 (%) and [0.5 * {|Id|-|If|}] / [0.5 * {|Id|+|If|}] * 100 (%)
12
INTERGER RF/IF DUAL PLL
S1M8821/22/23
FUNCTIONAL DESCRIPTION The Samsung S1M8821/22/23 are dual PLL frequency synthesizer ICs. S1M8821/22/23 combined with external LPFs and external VCOs form PLL frequency synthesizers. They include serial data control, R counter, N counter, prescaler, phase detector, charge pump, and etc. Serial data is moved into 20-bit shift register on the rising edge of the clock. These data enters MSB first. When LE becomes HIGH, data in the shift register is moved into one of the 4 latches(by the 2-bit control). The divide ratios of the prescaler and the counters are determined by the data stored in the latches. The external VCO output signal is divided by the prescaler and the N counter. External reference signal is divided by the R counter. These two signals are the two input signals to the phase detector. The phase detector drives the charge pump by comparing frequencies and phases of the above two signals. The charge pump and the external LPF make the control voltage for the external VCO and finally the VCO generates the appropriate frequency signal. Serial Data Input Timing
MSB DATA N20(R20) N19(R19) N10(R10) N9(R9) C2 C1
LSB
CLOCK tCWL tCWH tLEW
tDS LE tDH
tCLE
13
S1M8821/22/23
INTERGER RF/IF DUAL PLL
PROGRAMMING DESCRIPTION
Control Bits Control Bits DATA Location C1 0 0 1 1 C2 0 1 0 1 IF R Counter RF R Counter IF N Counter RF N Counter
Programmable Reference Counter(IF / RF R Counter) If the Control Bits are 00(IF) or 01(RF), data is moved from the 20-bit shift register into the R-latch which sets the reference counter. Serial data format is shown in the table below.
LSB R C1 C2 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 R R R R R R R R R R R R R R R R
MSB R 18 R 19 R 20
Division Ratio of the R Counter, R Control Bits
Program Modes
*
15-Bit Programmable Reference Counter Ratio Division Ratio 3 4 32767 R 15 0 0 1 R 14 0 0 1 R 13 0 0 1 R 12 0 0 1 R 11 0 0 1 R 10 0 0 1 R 9 0 0 1 R 8 0 0 1 R 7 0 0 1 R 6 0 0 1 R 5 0 0 1 R 4 0 0 1 R 3 0 1 1 R 2 1 0 1 R 1 1 0 1
Division ratio : 3 to 32767 Data are shifted in MSB first
14
INTERGER RF/IF DUAL PLL
S1M8821/22/23
Programmable Counter(N Counter) If the Control Bits are 10(IF) or 11(RF), data is transferred from the 20-bit shift register into the N-latch. N Counter consists of 7-bit swallow counter(A counter) and 11-bit main counter(B counter). Serial data format is shown below.
LSB N C1 C2 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 N N N N N N N N N N N N N N N N
MSB N 18 N 19 N 20
Division Ratio of the N Counter, N Control Bits
Program Modes
*
7-Bit Swallow Counter Division Ratio(A Counter) RF Division Ratio(A) 0 1 * 127 N 7 0 0 * 1 N 6 0 0 * 1 N 5 0 0 * 1 N 4 0 0 * 1 N 3 0 0 * 1 N 2 0 0 * 1 N 1 0 1 * 1 Division Ratio(A) 0 1 * 15 N 7 X X * X N 6 X X * X IF N 5 X X * X N 4 0 0 * 1 N 3 0 0 * 1 N 2 0 0 * 1 N 1 0 1 * 1
Division ratio : 0 to 127 B>A
Division ratio : 0 to 15 B>A X = DON'T CARE condition
*
11-Bit Main Counter Division Ratio(B Counter) Division Ratio 3 4 * 2047 N 18 0 0 * 1 N 17 0 0 * 1 N 16 0 0 * 1 N 15 0 0 * 1 N 14 0 0 * 1 N 13 0 0 * 1 N 12 0 0 * 1 N 11 0 0 * 1 N 10 0 1 * 1 N 9 1 0 * 1 N 8 1 0 * 1
Division ratio : 3 to 2047
15
S1M8821/22/23
INTERGER RF/IF DUAL PLL
Pulse Swallow Function fVCO=[ ( P X B ) + A ] x fOSCin / R fVCO : External VCO output frequency P : Preset modulus of dual modulus prescaler (for S1M8821/22 RF:P=64 or 128, for S1M8823 RF:P=32 or 64, for IF: P=8 or 16)
B : 11-bit main counter division ratio (3 B 2047) A : 7-bit swallow counter division ratio (for RF: 0 A 127, for IF: 0 A 15, A B)
fOSCin : External reference frequency(from external oscillator) R : 15-bit reference counter division ratio (3 R 32767) Program Mode C1 0 C2 0 R16 IF Phase Detector Polarity RF Phase Detector Polarity R17 IF ICPo RF ICPo R18 IF CPoIF High Impedance RF CPoIF High Impedance R19 IF LD RF LD R20 IF Fo RF Fo
0
1
C1 1 1 * Mode Select Truth Table
C2 0 1
N19 IF Prescaler RF Prescaler
N20 Pwdn IF Pwdn RF
Phase Detector Polarity 0 1 Negative Positive
CPoIF High Impedance Normal Operation High Impedance
ICPo Low High
IF Prescaler 8/9 16/17
RF Prescaler S1M8821/22 (S1M8823) 64/65 (32/33) 128/129 (64/65)
Pwdn Pwr Up Pwr Dn
* The charge pump output current of ICPo LOW = 1/4 x ICPo HIGH.
16
INTERGER RF/IF DUAL PLL
S1M8821/22/23
*
Phase Detector Polarity
VCO Output Frequency VCO Characteristics
Depending on VCO characteristics, R16 bit should be set as follows : VCO characteristics are positive like (1) : R16 HIGH VCO characteristics are negative like (2) : R16 LOW
(1)
(2)
VCO Input Voltage
*
foLD (Pin10) Output Truth Table RF R19 (RF LD) 0 0 1 1 0 0 0 0 0 0 1 1 IF R19 (IF LD) 0 1 0 1 0 0 1 1 0 1 0 1 RF R20 (RF fo) 0 0 0 0 0 1 0 1 1 1 1 1 IF R20 (IF fo) 0 0 0 0 1 0 1 0 1 1 1 1 foLD Output State Disabled (default LOW) IF Lock Detect RF Lock Detect RF and IF Lock Detect IF Reference Divider Output RF Reference Divider Output IF Programmable Divider Output RF Programmable Divider Output High Speed Lock mode IF Counter Reset RF Counter Reset RF and IF Counter Reset
-- When the PLL is locked and a lock detect mode is selected, the foLD output is HIGH, with narrow pulses LOW. -- Counter Reset mode resets R & N counters. -- The high speed lock mode sets the foLD output pin to be connected to ground with a low impedance ( 110).
17
S1M8821/22/23
INTERGER RF/IF DUAL PLL
FUNCTIONAL DESCRIPTION (Continued)
* Powerdown mode operation There are synchronous and asynchronous powerdown modes for S1M8821/22/23. Synchronous powerdown mode occurs if R18 bit is LOW, N20 bit is HIGH and charge pump output is in high impedance state. In the synchronous power down mode, the powerdown function is activated by the charge pump to diminish unwanted frequency jumps. Asynchronous powerdown mode occurs if R18 bit is HIGH and N20 bit is HIGH. When the PLL goes to either synchronous or asynchronous powerdown mode, preamp becomes debiased, R & N counters keeps their load conditions and the charge pump becomes high impedance state. The oscillator circuitry function becomes disabled only when both IF and RF powerdown bits are activated, i.e. N20 HIGH. The PLL returns to an active powerup mode when N20 bit becomes LOW(either in synchronous or asynchronous modes). R18 0 1 0 1 N20 0 0 1 1 PLL active PLL active, only charge pump high impedance Synchronous powerdown Asynchronous powerdown Powerdown mode status
Phase Detector and Charge pump Characteristics
Phase difference detection range : -2 to +2 When R16 = HIGH
fr
fp
LD
CPo fr>fp fr=fp fr18
INTERGER RF/IF DUAL PLL
S1M8821/22/23
RF SENSITIVITY MEASUREMENT CIRCUIT
2.7V to 4.0V 50 Microstrip
10dB ATTN
RF Signal Generator
100pF
VDD fin fin OSCin LE foLD DATA CLOCK PC Parallel Port VP 100pF 2.2F 100pF 2.2F
100pF 51
Frequency
Counter
12k 39k
** N=10,000 R=50 P=64 ** Sensitivity limit is determined when the error of the divided RF output( foLD) becomes 1 Hz.
19
S1M8821/22/23
INTERGER RF/IF DUAL PLL
TYPICAL APPLICATION CIRCUIT
VP VCO Reference Input 51 foLD 100pF Rin 10 foLD 9 GND 8 OSCin 7 GND 6 finRF 5 finRF 4 GND 3 CPoRF 2 VP1 18 1 VDD1 1000pF RF out 10pF C2 100pF 0.01F R1 C1 100pF
100pF
VDD 0.01F
0.01F
S1M8821/22/23
CLOCK DATA 11 From Controller IF out 10pF 12 LE 13 GND 14 finIF 15 finIF 16 Rin 100pF VCO . CDMA : UCVA4X103A . K-PCS : UCVW4X102A . US-PCS : UCVA3X120A Vp R2 C3 C4 100pF 0.01F 100pF GND 17 CPoIF 18 VP2 19 VDD2 20 0.01F 18 VDD 0.01F
100pF
** The role of Rin : Rin makes VCO output power go to the load rather than the PLL. The value of Rin depends on the VCO power level.
20
INTERGER RF/IF DUAL PLL
S1M8821/22/23
PACKAGE DIMENSIONS
#20
#11 4.40 3/4 0.20 0.173 3/4 0.008 0.15 x +0.10 -0.05
0.006 x +0.004 -0.002
6.40 0.30 0.252 0.012
0 ~ 8o
5.72 0.225 0.50 3/4 0.20 0.020 3/4 0.008
#1
#10
0.90 0.20 0.059 0.008
6.40 3/4 0.20 0.252 3/4 0.008
1.10 MAX 0.073
6.90 0.272 MAX
0.10MAX 0.004MAX 0.05 0.002 MIN
0.30 0.012 0.22 3/4 0.10 0.009 3/4 0.004
0.65 0.026
20-Lead TSSOP Package (Samsung 20-TSSOP-BD44)
21
S1M8821/22/23
INTERGER RF/IF DUAL PLL
PACKAGE DIMENSIONS (24-QFN)
1.00MAX #1 INDEX AREA 0.27 + 0.05 0.70 + 0.05
4.50 + 0.10
B 3.50 + 0.10 A 0.08 C C
(0.05)
(0.05)
4X0.50 + 0.10 #24 #1
2X4.00
#1 ID MARK
2X 0.10 20X0.50 2X 0.10 C 2X1.00 0.10 M CB CS 24X0.30 + 0.05 C
22


▲Up To Search▲   

 
Price & Availability of S1M8823X01-R0T0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X